Part Number Hot Search : 
B70NF B1010 57100 STN85109 SN3904 MCP111 12S15 1107R2
Product Description
Full Text Search
 

To Download NTB90N02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTB90N02, NTP90N02 Power MOSFET 90 Amps, 24 Volts
N-Channel D2PAK and TO-220
Designed for low voltage, high speed switching applications in power supplies, converters and power motor controls and bridge circuits.
Typical Applications http://onsemi.com
* * * *
Power Supplies Converters Power Motor Controls Bridge Circuits
V(BR)DSS
RDS(on) TYP 5.0 mW @ 10 V 7.5 mW @ 4.5 V
ID MAX
24 V
90 A
MAXIMUM RATINGS (TJ = 25C unless otherwise noted)
Rating Drain-to-Source Voltage Gate-to-Source Voltage - Continuous Drain Current - Continuous @ TA = 25C - Single Pulse (tp = 10 ms) Total Power Dissipation @ TA = 25C Derate above 25C Operating and Storage Temperature Symbol VDSS VGS ID IDM PD TJ, Tstg Value 24 "20 90* 200 85 0.66 -55 to +150 733 Unit Vdc Vdc
4 4 1 TO-220AB CASE 221A Style 5 2 3 2 3 D2PAK CASE 418B Style 2
A A W W/C C
1
MARKING DIAGRAMS & PIN ASSIGNMENTS
4 Drain 4 Drain
Single Pulse Drain-to-Source Avalanche Energy - Starting TJ = 25C (VDD = 28 Vdc, VGS = 10 Vdc, L = 5.0 mH, IL(pk) = 17 A, RG = 25 W) Thermal Resistance Junction-to-Case Junction-to-Ambient (Note 1) Maximum Lead Temperature for Soldering Purposes, 1/8 from case for 10 seconds
EAS
mJ NTx90N02 LLYWW
C/W RqJC RqJA TL 1.55 70 260 C 1 Gate
NTx90N02 LLYWW 3 Source 2 Drain 1 Gate
2 Drain = Device Code = P or B = Location Code 3 = Year Source = Work Week
1. When surface mounted to an FR4 board using 1 pad size, (Cu Area 1.127 in2). 2. When surface mounted to an FR4 board using minimum recommended pad size, (Cu Area 0.412 in2). *Chip current capability limited by package. N-Channel D
NTx90N02 x LL Y WW
ORDERING INFORMATION
Device NTP90N02 NTB90N02 Package TO-220AB D2PAK D2PAK Shipping 50 Units/Rail 50 Units/Rail 800/Tape & Reel
G NTB90N02T4 S
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
(c) Semiconductor Components Industries, LLC, 2003
1
October, 2003 - Rev. 1
Publication Order Number: NTB90N02/D
NTB90N02, NTP90N02
ELECTRICAL CHARACTERISTICS (TJ = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Drain-to-Source Breakdown Voltage (Note 3) (VGS = 0 Vdc, ID = 250 mAdc) Temperature Coefficient (Positive) Zero Gate Voltage Drain Current (VDS = 24 Vdc, VGS = 0 Vdc) (VDS = 24 Vdc, VGS = 0 Vdc, TJ = 150C) Gate-Body Leakage Current (VGS = $ 20 Vdc, VDS = 0 Vdc) ON CHARACTERISTICS (Note 3) Gate Threshold Voltage (Note 3) (VDS = VGS, ID = 250 mAdc) Threshold Temperature Coefficient (Negative) Static Drain-to-Source On-Resistance (Note 3) (VGS = 10 Vdc, ID = 90 Adc) (VGS = 4.5 Vdc, ID = 40 Adc) (VGS = 10 Vdc, ID = 20 Adc) (VGS = 4.5 Vdc, ID = 20 Adc) Forward Transconductance (Note 3) (VDS = 15 Vdc, ID = 10 Adc) DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Transfer Capacitance SWITCHING CHARACTERISTICS (Note 4) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Gate Charge (VDS = 20 Vdc, ID = 20 Adc, VGS = 4.5 Vdc) (Note 3) 45 (VDD = 20 Vdc, ID = 20 Adc, VGS = 4 5 Vdc RG = 2 5 W) 4.5 Vdc, 2.5 td(on) tr td(off) tf QT Q1 Q2 SOURCE-DRAIN DIODE CHARACTERISTICS Forward On-Voltage (IS = 2.3 Adc, VGS = 0 Vdc) (IS = 40 Adc, VGS = 0 Vdc) (Note 3) (IS = 2.3 Adc, VGS = 0 Vdc, TJ = 150C) (IS = 2.3 Adc, VGS = 0 Vdc, dIS/dt = 100 A/ms) (Note 3) VSD - - - - - - - 0.75 1.2 0.65 40 21 18 0.036 1.0 - - - - - - mC Vdc - - - - - - - 16 90 28 60 29 8.0 20 - - - - - - - nC ns (VDS = 20 Vdc, VGS = 0 Vdc, f = 1 0 MHz) 1.0 Ciss Coss Crss - - - 2120 900 360 - - - pF VGS(th) 1.0 - RDS(on) - - - - gFS - 5.0 7.5 5.0 7.5 25 5.8 9.0 5.8 9.0 - mhos 1.9 -3.8 3.0 - Vdc mV/C mW V(BR)DSS 24 - IDSS - - IGSS - - - - 1.0 10 100 nAdc 27 25 - - Vdc mV/C mAdc Symbol Min Typ Max Unit
Reverse Recovery Time
trr ta tb
ns
Reverse Recovery Stored Charge 3. Pulse Test: Pulse Width 300 ms, Duty Cycle 2%. 4. Switching characteristics are independent of operating junction temperatures.
QRR
http://onsemi.com
2
NTB90N02, NTP90N02
100 90 ID, DRAIN CURRENT (AMPS) 80 70 60 50 40 30 20 10 0 0 0.5 1 1.5 2 2.5 3 3.5 4 VDS, DRAIN-TO-SOURCE VOLTAGE (V) 3.4 V 3.2 V VGS = 3.0 V 6.5 V 9V 8V 4.4 V 4.6 V 4.8 V 5V 5.2 V 6V TJ = 25C 4.2 V 4V 3.8 V 3.6 V 160 150 140 130 120 110 100 90 80 70 60 50 40 30 20 10 0 VDS 24 V
ID, DRAIN CURRENT (AMPS)
TJ = 25C
TJ = 125C TJ = -55C 2 3 4 5 6
VGS, GATE-TO-SOURCE VOLTAGE (V)
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
RDS(on), DRAIN-TO-SOURCE RESISTANCE (W)
0.07 0.06 0.05 0.04 0.03 0.02 0.01 0 0 2 4 6 8 10 VGS, GATE-TO-SOURCE VOLTAGE (V) ID = 10 A TJ = 25C
RDS(on), DRAIN-TO-SOURCE RESISTANCE (W)
0.015 TJ = 25C
0.01
VGS = 4.5 V
VGS = 10 V 0.005
0 55
60
65
70
75
80
85
90
ID, DRAIN CURRENT (A)
RDS(on), DRAIN-TO-SOURCE RESISTANCE (NORMALIZED)
Figure 3. On-Resistance versus Gate-To-Source Voltage
0.015 0.0125 0.001 0.0075 0.005 0.0025 0 -50 ID = 10 A VDS = 10 V ID = 90 A VDS = 4.5 V IDSS, LEAKAGE (nA)
Figure 4. On-Resistance versus Drain Current and Gate Voltage
1000 VGS = 0 V 100 TJ = 125C TJ = 100C 10
1 TJ = 25C 0.1
-25
0
25
50
75
100
125
150
0.01
4
8
12
16
20
TJ, JUNCTION TEMPERATURE (C)
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
Figure 5. On-Resistance Variation with Temperature
Figure 6. Drain-To-Source Leakage Current versus Voltage
http://onsemi.com
3
NTB90N02, NTP90N02
-VDS, DRAIN-TO-SOURCE VOLTAGE (V)
5000
VGS, GATE-TO-SOURCE VOLTAGE (V)
VGS = 0 V TJ = 25C
10 28 8 VD Q1 Q2 QT VGS 24 20 16 4 12 8 2 ID = 1.0 A TJ = 25C 0 0 10 20 30 40 50 4 0
C, CAPACITANCE (pF)
4000
3000 Ciss 2000 Coss 1000 0 -8 -6 -4 -2 0 2 4 VGS VDS Crss
6
6
8 10 12 14 16 18 20 22 24
GATE-TO-SOURCE OR DRAIN-TO-SOURCE VOLTAGE (V)
Qg, TOTAL GATE CHARGE (nC)
Figure 7. Capacitance Variation
Figure 8. Gate-to-Source and Drain-to-Source Voltage versus Total Charge
1000 IS, SOURCE CURRENT (AMPS) VDD = 20 V ID = 20 A VGS = 10 V t, TIME (ns) 100 tr tf td(off) td(on)
90 80 70 60 50 40 30 20 10 0 0.55 0.60 0.65 0.70 0.75 0.80 0.85 0.90 0.95 1.00 VSD, SOURCE-TO-DRAIN VOLTAGE (V) VGS = 0 V TJ = 25C
10
1 1 10 RG, GATE RESISTANCE (W) 100
Figure 9. Resistive Switching Time Variation versus Gate Resistance
Figure 10. Diode Forward Voltage versus Current
http://onsemi.com
4
NTB90N02, NTP90N02
POWER MOSFET SWITCHING Switching behavior is most easily modeled and predicted by recognizing that the power MOSFET is charge controlled. The lengths of various switching intervals (Dt) are determined by how fast the FET input capacitance can be charged by current from the generator. The published capacitance data is difficult to use for calculating rise and fall because drain-gate capacitance varies greatly with applied voltage. Accordingly, gate charge data is used. In most cases, a satisfactory estimate of average input current (IG(AV)) can be made from a rudimentary analysis of the drive circuit so that
t + Q IG(AV)
During the rise and fall time interval when switching a resistive load, VGS remains virtually constant at a level known as the plateau voltage, VSGP. Therefore, rise and fall times may be approximated by the following:
tr + Q2 tf + Q2 R2 10(VGG * VGSP) R2 VGSP
where: VGG = the gate drive voltage, which varies from zero to VGG RG = the gate drive resistance and Q2 and VGSP are read from the gate charge curve. During the turn-on and turn-off delay times, gate current is not constant. The simplest calculation uses appropriate values from the capacitance curves in a standard equation for voltage change in an RC network. The equations are:
td(on) + RG Ciss In [VGG (VGG * VGSP)] td(off) + RG Ciss In (VGG VGSP)
The capacitance (Ciss) is read from the capacitance curve at a voltage corresponding to the off-state condition when calculating td(on) and is read at a voltage corresponding to the on-state when calculating td(off). At high switching speeds, parasitic circuit elements complicate the analysis. The inductance of the MOSFET source lead, inside the package and in the circuit wiring which is common to both the drain and gate current paths, produces a voltage at the source which reduces the gate drive current. The voltage is determined by Ldi/dt, but since di/dt is a function of drain current, the mathematical solution is complex. The MOSFET output capacitance also complicates the mathematics. And finally, MOSFETs have finite internal gate resistance which effectively adds to the resistance of the driving source, but the internal resistance is difficult to measure and, consequently, is not specified. The resistive switching time variation versus gate resistance (Figure 9) shows how typical switching performance is affected by the parasitic circuit elements. If the parasitics were not present, the slope of the curves would maintain a value of unity regardless of the switching speed. The circuit used to obtain the data is constructed to minimize common inductance in the drain and gate circuit loops and is believed readily achievable with board mounted components. Most power electronic loads are inductive; the data in the figure is taken with a resistive load, which approximates an optimally snubbed inductive load. Power MOSFETs may be safely operated into an inductive load; however, snubbing reduces switching losses.
INFORMATION FOR USING THE D2PAK SURFACE MOUNT PACKAGE
RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS Surface mount board layout is a critical portion of the interface between the board and the package. With the total design. The footprint for the semiconductor packages correct pad geometry, the packages will self align when must be the correct size to ensure proper solder connection subjected to a solder reflow process.
0.33 8.38
0.42 10.66
0.08 2.032 0.04 1.016 0.12 3.05 0.63 17.02
0.24 6.096
inches mm
http://onsemi.com
5
NTB90N02, NTP90N02
SOLDER STENCIL GUIDELINES Prior to placing surface mount components onto a printed circuit board, solder paste must be applied to the pads. Solder stencils are used to screen the optimum amount. These stencils are typically 0.008 inches thick and may be made of brass or stainless steel. For packages such as the SC-59, SC-70/SOT-323, SOD-123, SOT-23, SOT-143, SOT-223, SO-8, SO-14, SO-16, and SMB/SMC diode packages, the stencil opening should be the same as the pad size or a 1:1 registration. This is not the case with the DPAK and D2PAK packages. If one uses a 1:1 opening to screen solder onto the drain pad, misalignment and/or "tombstoning" may occur due to an excess of solder. For these two packages, the opening in the stencil for the paste should be approximately 50% of the tab area. The opening for the leads is still a 1:1 registration. Figure 11 shows a typical stencil for the DPAK and D2PAK packages. The pattern of the opening in the stencil for the drain pad is not critical as long as it allows approximately 50% of the pad to be covered with paste.
Figure 11. Typical Stencil for DPAK and D2PAK Packages
SOLDERING PRECAUTIONS The melting temperature of solder is higher than the rated temperature of the device. When the entire device is heated to a high temperature, failure to complete soldering within a short time could result in device failure. Therefore, the following items should always be observed in order to minimize the thermal stress to which the devices are subjected. * Always preheat the device. * The delta temperature between the preheat and soldering should be 100C or less.* * When preheating and soldering, the temperature of the leads and the case must not exceed the maximum temperature ratings as shown on the data sheet. When using infrared heating with the reflow soldering method, the difference shall be a maximum of 10C. * The soldering temperature and time shall not exceed 260C for more than 10 seconds. * When shifting from preheating to soldering, the maximum temperature gradient shall be 5C or less. * After soldering has been completed, the device should be allowed to cool naturally for at least three minutes. Gradual cooling should be used as the use of forced cooling will increase the temperature gradient and result in latent failure due to mechanical stress. * Mechanical stress or shock should not be applied during cooling. * * Soldering a device without preheating can cause excessive thermal shock and stress which can result in damage to the device. * * Due to shadowing and the inability to set the wave height to incorporate other surface mount components, the D2PAK is not recommended for wave soldering.
http://onsemi.com
6
CCC C CCC C CC CCCCC CCC C CC CCCCC CCCCC CCC
CC CC CC CC CC CC
SOLDER PASTE OPENINGS
STENCIL
NTB90N02, NTP90N02
TYPICAL SOLDER HEATING PROFILE For any given circuit board, there will be a group of control settings that will give the desired heat pattern. The operator must set temperatures for several heating zones, and a figure for belt speed. Taken together, these control settings make up a heating "profile" for that particular circuit board. On machines controlled by a computer, the computer remembers these profiles from one operating session to the next. Figure 12 shows a typical heating profile for use when soldering a surface mount device to a printed circuit board. This profile will vary among soldering systems but it is a good starting point. Factors that can affect the profile include the type of soldering system in use, density and types of components on the board, type of solder used, and the type of board or substrate material being used. This profile shows temperature versus time. The line on the graph shows the actual temperature that might be experienced on the surface of a test board at or near a central solder joint. The two profiles are based on a high density and a low density board. The Vitronics SMD310 convection/infrared reflow soldering system was used to generate this profile. The type of solder used was 62/36/2 Tin Lead Silver with a melting point between 177-189C. When this type of furnace is used for solder reflow work, the circuit boards and solder joints tend to heat first. The components on the board are then heated by conduction. The circuit board, because it has a large surface area, absorbs the thermal energy more efficiently, then distributes this energy to the components. Because of this effect, the main body of a component may be up to 30 degrees cooler than the adjacent solder joint.
STEP 1 PREHEAT ZONE 1 "RAMP" 200C
STEP 2 STEP 3 VENT HEATING "SOAK" ZONES 2 & 5 "RAMP"
STEP 4 HEATING ZONES 3 & 6 "SOAK"
DESIRED CURVE FOR HIGH MASS ASSEMBLIES 150C
160C
STEP 5 STEP 6 STEP 7 HEATING VENT COOLING ZONES 4 & 7 205 TO 219C "SPIKE" PEAK AT 170C SOLDER JOINT
150C 100C 100C DESIRED CURVE FOR LOW MASS ASSEMBLIES 5C 140C
SOLDER IS LIQUID FOR 40 TO 80 SECONDS (DEPENDING ON MASS OF ASSEMBLY)
TIME (3 TO 7 MINUTES TOTAL)
TMAX
Figure 12. Typical Solder Heating Profile
http://onsemi.com
7
NTB90N02, NTP90N02
PACKAGE DIMENSIONS
D2PAK CASE 418B-04 ISSUE H
C E -B-
4
V W
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. 418B-01 THRU 418B-03 OBSOLETE, NEW STANDARD 418B-04. DIM A B C D E F G H J K L M N P R S V INCHES MIN MAX 0.340 0.380 0.380 0.405 0.160 0.190 0.020 0.035 0.045 0.055 0.310 0.350 0.100 BSC 0.080 0.110 0.018 0.025 0.090 0.110 0.052 0.072 0.280 0.320 0.197 REF 0.079 REF 0.039 REF 0.575 0.625 0.045 0.055 GATE DRAIN SOURCE DRAIN MILLIMETERS MIN MAX 8.64 9.65 9.65 10.29 4.06 4.83 0.51 0.89 1.14 1.40 7.87 8.89 2.54 BSC 2.03 2.79 0.46 0.64 2.29 2.79 1.32 1.83 7.11 8.13 5.00 REF 2.00 REF 0.99 REF 14.60 15.88 1.14 1.40
A
1 2 3
S
-T-
SEATING PLANE
K G D H
3 PL M
W J
0.13 (0.005)
TB
M
STYLE 2: PIN 1. 2. 3. 4.
TO-220 CASE 221A-09 ISSUE AA
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION Z DEFINES A ZONE WHERE ALL BODY AND LEAD IRREGULARITIES ARE ALLOWED. DIM A B C D F G H J K L N Q R S T U V Z INCHES MIN MAX 0.570 0.620 0.380 0.405 0.160 0.190 0.025 0.035 0.142 0.147 0.095 0.105 0.110 0.155 0.018 0.025 0.500 0.562 0.045 0.060 0.190 0.210 0.100 0.120 0.080 0.110 0.045 0.055 0.235 0.255 0.000 0.050 0.045 --- --- 0.080 GATE DRAIN SOURCE DRAIN MILLIMETERS MIN MAX 14.48 15.75 9.66 10.28 4.07 4.82 0.64 0.88 3.61 3.73 2.42 2.66 2.80 3.93 0.46 0.64 12.70 14.27 1.15 1.52 4.83 5.33 2.54 3.04 2.04 2.79 1.15 1.39 5.97 6.47 0.00 1.27 1.15 --- --- 2.04
-T- B
4
SEATING PLANE
F T S
C
Q
123
A U K
H Z L V G D N R J
STYLE 5: PIN 1. 2. 3. 4.
http://onsemi.com
8
NTB90N02, NTP90N02
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
9
NTB90N02/D


▲Up To Search▲   

 
Price & Availability of NTB90N02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X